PART |
Description |
Maker |
P4C1049L-70L36MB P4C1049-45JMB P4C1049-55JMB P4C10 |
HIGH SPEED 512K x 8 STATIC CMOS RAM 高速为512k × 8静态CMOS存储 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 25 ns, PDFP36 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 20 ns, PDFP36 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 35 ns, PDFP36 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 35 ns, CDSO36 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 35 ns, PDSO36 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 15 ns, PDSO36 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 25 ns, CDSO36 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 70 ns, CDSO36 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 45 ns, PDFP36 HIGH SPEED 512K x 8 STATIC CMOS RAM 512K X 8 STANDARD SRAM, 70 ns, PDFP36
|
Pyramid Semiconductor Corporation Pyramid Semiconductor, Corp.
|
IDT70V7339S IDT70V7339S200BFI IDT70V7339S133DD IDT |
HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 高速与3.3V 3.3V的为512k × 18 SYNCHRONOU开户银行可切换双端口静态RAM.5V的接 HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 512K X 18 DUAL-PORT SRAM, 15 ns, PQFP144 HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 512K X 18 DUAL-PORT SRAM, 10 ns, PQFP144
|
Integrated Device Technology, Inc.
|
P4C1049-15FS36C P4C1049-15FS36I P4C1049-15FS36M P4 |
HIGH SPEED 512K x 8 STATIC CMOS RAM
|
Pyramid Semiconductor Corporation
|
IS61LV51216-10M IS61LV51216-10MI IS61LV51216-10T I |
512K x 16 HIGH SPEED ASYNCHRONOUS 12k × 16高速异
|
Electronic Theatre Controls, Inc. ISSI[Integrated Silicon Solution, Inc] ETC Integrated Silicon Solution Inc
|
IS61LV5128AL IS61LV5128AL-10BI IS61LV5128AL-10BLI |
512K x 8 HIGH-SPEED CMOS STATIC RAM
|
Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc]
|
AT29LV512-25TI AT29LV512-25TC AT29LV512-25JI |
512K 64K x 8 3-volt Only CMOS Flash Memory High Speed CMOS Logic Quad 2-Input NAND Gates 14-PDIP -55 to 125 High Speed CMOS Logic 4-Bit Binary Ripple Counter 14-SOIC -55 to 125
|
Atmel Corp.
|
EDI9F37512C55MMC EDI9F37512C45MMC |
512K x 37 Static RAM CMOS , High Speed Module
|
White Electronic Designs Corporation ETC[ETC]
|
EDI9F37512C45MMC EDI9F37512C55MMC |
512K x 37 Static RAM CMOS / High Speed Module
|
ETC
|
AS5C512K8ECJ-35/H AS5C512K8ECJ-17L/H AS5C512K8ECJ- |
512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT 12k × 8的SRAM高速SRAM和革命引脚排 LED, GRN SMT, 1206 µP-Compatible 14-Bit CMOS DAC; Package: PLCC; No of Pins: 20; Temperature Range: Commercial Circular Connector; No. of Contacts:37; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Pin; Circular Shell Style:Right Angle Plug; Insert Arrangement:28-21 RoHS Compliant: No CAT5 STP BACKBONE CABLE STRAIGHT PIN, PLN-GRAY 512K x 8 SRAM - high speed with revolutionary pinout
|
Electronic Theatre Controls, Inc. Austin Semiconductor http://
|
BH616UV8011AI55 BH616UV8011 BH616UV8011AIP55 |
Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
|
Brilliance Semiconductor
|
BH616UV8011TIP70 BH616UV8011AIP70 BH616UV8011TIP55 |
Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
|
Brilliance Semiconductor Brilliance Semiconducto...
|
IDT70T653MS15BCI IDT70T653M IDT70T653MS10BC IDT70T |
HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
|
IDT[Integrated Device Technology]
|